PART |
Description |
Maker |
D01-9822005 |
Strip of 20 Sub-Miniature H3191-05 Sockets, gold clip gold shell BERYLLIUM COPPER, GOLD (4) FINISH, PCB TERMINAL
|
Harwin PLC
|
H8505-01 H8505-05 H8505-46 |
0.8mm SOCKET ASSEMBLY PC Board Socket for 0.80mm Pin, gold clip gold shell BRASS, GOLD (4) FINISH, PCB TERMINAL
|
Harwin Plc
|
0900591009 90059-1009 |
2.54mm (.100) Pitch C-Grid? Micro Shunt, Low Profile, 15mm Select Gold (Au) with Gold (Au) Flash Plating 2.54mm (.100) Pitch C-Grid庐 Micro Shunt, Low Profile, 15mm Select Gold (Au) with Gold (Au) Flash Plating MOLEX Connector
|
Molex Electronics Ltd.
|
33001-3005 33001-2022 33001-3021 33012-3021 |
MX150 RCPT 0.3 GOLD 22AWG D WIND SLD 0.5 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 18/20AWG BWIND UNSLD 1 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 14/16AWG DWIND UNSLD 2 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 TIN 14/16AWG D WIND UNSLD 2 mm2, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
08-65-0129 08-65-0128 08-50-0705 |
KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, HOOK TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH TIN
|
Molex, Inc. MOLEX INC
|
GL607 OA180 OA1182 OA1161 OA1154 |
10 V, 300 mA, gold bonded germanium diode 20 V, 500 mA, gold bonded germanium diode 100 V, 500 mA, gold bonded germanium diode 140 V, 500 mA, gold bonded germanium diode 55 V, 500 mA, gold bonded germanium diode
|
BKC International Electronics
|
ST7S014V4B |
CONTACTING AREA : GOLD OVER NICKEL TERMINAL AREA : GOLD FLASH OVER NICKEL
|
Japan Aviation Electronics Industry, Ltd.
|
22-17-2142 0022172142 A-4455-BH14D |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 0.50μm (20μ) Gold (Au), 14 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Bottom Entry, 0.50渭m (20渭) Gold (Au), 14 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 0.50楼矛m (20楼矛) Gold (Au), 14 Circuits
|
Molex Electronics Ltd.
|
TOLC-105-02-S-Q TOLC-105-32-S-Q TOLC-115-02-S-Q TO |
CONN HEADER .05 5X4PS GOLD SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 15X4PS GOLD SMD 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 40X4PS GOLD SMD 160 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 30X4PS GOLD SMD 120 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 45X4PS GOLD SMD 180 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Samtec, Inc.
|
|